Part Number Hot Search : 
MK12H EP9178 T105006 2C30UM AD1987 0CW18 0CW18 1N5247
Product Description
Full Text Search
 

To Download MTA325HA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTA and MTB Series
Full-Size (7.3mm or 4.7mm height)
* Industry Standard Package * 5.0 or 3.3 Volt * HCMOS, Sinewave, Clipped Sine * 1.000MHz to 1.000GHz * Stability Down to 1ppm
Electrical Specifications
H Option = HCMOS Output Frequency Range Frequency Stability Load Supply Current Output Frequency Range Frequency Stability Load Supply Current Output Sinewave Output Frequency Stability Load Supply Current Output 1.000MHz to 160.000MHz Down to 1ppm 10K Ohms // 15pF 35mA max Logic"1" Level = 0.9Vdd min. Logic"0" Level = 0.1Vdd max. 8.000MHz to 300.000MHz Down to 1ppm 10K Ohms // 15pF 3mA max. 1.0V p-p min. 8.000MHz to 1.000GHz Down to 1ppm 50 Ohms 5mA max. 7dBm min. See Part Numbering Guide -40C to +85C 5.0Vdc 5% 3.3Vdc 5% 3ppm min. 2.5Vdc2.0Vdc Positive Slope 1.65Vdc1.5Vdc Positive Slope No Connect 10ppm min. 1ppm per year max. 0.3ppm 0.3ppm 40/60%
S Option = Clipped Sine Output
Z Option = Sinewave Output
Operating Temperature Range Storage Temperature Range Supply Voltage (Vdd) Internal Trim (Top of can) Control Voltage Pin 1 Connection Frequency Stability
Vdd = 5V Vdd = 3.3V Vdd = 5V Vdd = 3.3V Blank V Option vs. Aging vs. Voltage (with a 5% change) vs. Load (with a 10% change) @50% of waveform w/CMOS load
Symmetry
www.mmdcomp.com Toll Free 1-877-663-2667 / Fax: 949-753-5889
OS15
Specifications subject to change without notice
Revision: 9/20/02 B
Part Numbering Guide MT
14 pin DIP
Frequency
Supply Voltage Blank = 5 Volt 3 = 3.3 Volt Frequency Stability* 10 = 1ppm 15 = 1.5ppm 20 = 2ppm 25 = 2.5ppm 30 = 3ppm 35 = 3.5ppm 50 = 5ppm Operating Temp. Range* A = 0C to +50C B = -10C to +60C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C Output Type H = HCMOS S = Clipped Sinewave Z = Sinewave Trimmer Option Blank = No Trimmer M = Mechanical Trimmer Pin 1 Connection Blank = No Connect V = Voltage Control
Series Option A = A Series(7.3mm Hgt.) B = B Series(4.7mm Hgt.)
* Check with factory for additional stability vs. temperature options Cut Leads and Gull-Wing are available for this package. See VA1 and VA3 for specs.
Mechanical Dimensions
Optional Trimmer
#7
#8
Markings
0.5 .020
15.24 0.20 .600 .012 #1
18.3 0.20 .720 .012
4.00.2 .157.012
11.7 0.20 .460 .012
5.0 .197
#14 7.62 0.20 .300 .012
9.6 0.20 .720 .012
MTA end view
7.3 .287
4.7 .185
MTB end view
2.4 .094
1.0 .039
Pin Connections
Markings
P i n 1 : C o n t r o l Vo l t a g e o r N / C Pin 7: Case Ground Pin 8: Output P i n 1 4 : S u p p l y Vo l t a g e www.mmdcomp.com Toll Free 1-877-663-2667 / Fax: 949-753-5889
Line 1: MMD Line 2: Part Number Line 3: Frequency Line 4: Date Code
Specifications subject to change without notice
OS15
Revision: 9/20/02 B


▲Up To Search▲   

 
Price & Availability of MTA325HA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X